Part Number Hot Search : 
103M1 59105LX EL2044CN BUP212 SP774BK FOD0720 BUT11A HT1380A
Product Description
Full Text Search
 

To Download CR03AMG-12-T92-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD CR03AM-12
THYRISTOR
DESCRIPTION
The UTC CR03AM-12 is suitable for low power applications.
Preliminary
SCR
FEATURES
* IT (AV) : 0.3 A * VDRM : 600 V * IGT : 100 A * Non-Insulated Type * Glass Passivation Type
1
TO-92
SYMBOL
2
1 3
ORDERING INFORMATION
Ordering Number CR03AMG-12-T92-B CR03AMG-12-T92-K Package TO-92 TO-92 1 G G Pin Assignment 2 3 A K A K Packing Tape Box Bulk
Note: Pin assignment: G: Gate K: Cathode A: Anode
www.unisonic.com.tw Copyright (c) 2009 Unisonic Technologies Co., Ltd
1 of 3
QW-R301-018.a
CR03AM-12
ABSOLUTE MAXIMUM RATING
PARAMETER Repetitive Peak Voltage Non-Repetitive Peak Voltage DC Voltage Peak Gate Voltage
Preliminary
SYMBOL VRRM VDRM VRSM VDSM VR(DC) VD(DC) VFGM VRGM IFGM IT (RMS) RATINGS 600 600 800 800 480 480 6 6 0.3 0.47
SCR
UNIT V V V V V V V V A A
Reverse Off-State (Note2) Reverse Off-State (Note2) Reverse Off-State (Note2) Forward Reverse
Peak Gate Forward Current RMS On-State Current Surge On-State Current (60Hz sine half wave 1 full cycle, ITSM 20 A peak value, non-repetitive) Average On-State Current (Commercial frequency, sine IT(AV) 0.3 A half wave 180 conduction, Ta = 47C) I2t for Fusing (Value corresponding to 1 cycle of half wave I2 t 1.6 A2s 60Hz, surge on-state current) Peak Gate Power Dissipation PGM 0.5 W Average Gate Power Dissipation PG(AV) 0.1 W Mass (Typical value) 0.23 g Junction Temperature TJ -40~+110 C Storage Temperature TSTG -40~+125 C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied 2. With gate to cathode resistance RGK= 1k
THERMAL DATA
PARAMETER Junction to Ambient SYMBOL JA MAX 180 UNIT /W
ELECTRICAL CHARACTERISTICS
PARAMETER Repetitive Peak Reverse Current Repetitive Peak Off-State Current On-State Voltage (Ta = 25C) Gate Trigger Voltage Gate Non-Trigger Voltage Gate Trigger Current Holding Current SYMBOL IRRM IDRM VTM VGT VGD IGT IH TEST CONDITIONS TJ= 110C, VRRM applied TJ= 110C, VDRM applied, RGK=1k ITM = 4 A, instantaneous value TJ= 25C, VD=6 V, IT= 0.1A TJ= 110C, VD=1/2 VDRM, RGK=1k TJ= 25C, VD=6 V, IT= 0.1A TJ= 25C, VD=12 V, RGK= 1k MIN TYP MAX 0.1 0.1 1.8 0.8 100 3 UNIT mA mA V V V A mA
0.2 1 1.5
CLASSIFICATION OF IGT
If special values of IGT are required, choose item D or E from those listed in the table below if possible. RANK A B C D E RANGE 1A ~ 30A 20A ~ 50A 40A ~ 100A 1A ~ 5A 20A ~100 A The above values do not include the current flowing through the 1k resistance between the gate and cathode.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 3
QW-R301-018.a
CR03AM-12
IGT, VGT MEASUREMENT CIRCUIT
IGS A3 RGK 1k IGT
Preliminary
SCR
TUT A2 V1 2 1 3V DC Switch 1: IGT Measurement Switch 2: VGT Measurement 6V DC VGT Switch A1
60
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 3
QW-R301-018.a


▲Up To Search▲   

 
Price & Availability of CR03AMG-12-T92-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X